Part Number Hot Search : 
562LB358 IRFZ24NS 2SA1194K 1215S 12YL5M 5225B DT7101 CDA15
Product Description
Full Text Search
 

To Download MKT469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
APPLICATIONS
Blocking and coupling. Bypass and energy reservoir
168x12(halfpage)
l
w
MARKING
C-value; tolerance; rated voltage; manufacturer's symbol; code for dielectric material and construction
seating plane (1) 1.5
h
DIELECTRIC
Polyester film
lt
ELECTRODES
Vacuum deposited aluminium
O1.3
Dimensions in mm. (1) Hole 1.0 for dt = 0.6 mm.
P0.4
Odt
COATING
Flame retardant epoxy material (UL-class 94 V-0)
RATED TEMPERATURE
85 C
CONSTRUCTION
Wound mono construction
MAXIMUM APPLICATION TEMPERATURE
105 C
LEADS
Tinned wire
REFERENCE SPECIFICATIONS
IEC 60384-2
CAPACITANCE RANGE (E12 SERIES)
0.001 to 1.0 F
PERFORMANCE GRADE
Grade 1 (long life)
CAPACITANCE TOLERANCE
10%; 5%
MATERIALS
Qualified in accordance with UL94 V-0
RATED (DC) VOLTAGE
100 V; 250 V; 400 V; 630 V
FEATURES
Available taped and loose in box
RATED (AC) VOLTAGE
63 V; 160 V; 220 V; 250 V
DETAIL SPECIFICATION
For more detailed data and test requirements see "Type detail specification HQN-384-02/102"
CLIMATIC CATEGORY
55/105/56
Document Number: 28107 Revision: 29-Aug-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 1
MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 469 10.0 mm CAPACITANCE (numerically) MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5
Example: 104 = 10 x 10 = 100 nF
2222
469 XX XX X
TYPE
PACKAGING
LEAD CONFIGURATION lead length 4.0+1.0/-0.5 mm
ON REQUEST C-TOL 10% 5% 10% 5% 10% 5% 100 V 25 26 21 22 28 29 250 V 45 46 41 42 48 49 400 V 55 56 51 52 58 59 630 V 65 66 61 62 68 69
loose in box MKT 469 taped on reel lead length 22.0 4.0 mm H = 18.5 mm; P0 = 12.7 mm; reel diameter = 500 mm
SPECIFIC REFERENCE DATA
DESCRIPTION Tangent of loss angle: C 0.1 F 0.1 F < C 0.47 F 0.47 F < C 1.0 F Rated voltage pulse slope (dU/dt)R at 100 V (DC) R between leads, for C 0.33 F: at 100 V; 1 minute at 500 V; 1 minute RC between leads, for C > 0.33 F at 100 V; 1 minute R between interconnecting leads and casing; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Withstanding (DC) voltage between leads and case >5000 s >30000 M 160 V; 1 minute 200 V; 1 minute >30000 M 400 V; 1 minute 500 V; 1 minute >30000 M 640 V; 1 minute 800 V; 1 minute >30000 M 1008 V; 1 minute 1260 V; 1 minute >30000 M >30000 M >30000 M at 1 kHz 75 x 10-4 75 x 10-4 75 x 10-4 at 100 V (DC) 30 V/s 120 V/s VALUE at 10 kHz 120 x 10-4 120 x 10-4 120 x 10-4 at 250 V (DC) at 400 V (DC) 170 V/s at 100 kHz 200 x 10-4 225 x 10-4 - at 630 V (DC) 120 V/s
www.vishay.com 2
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28107 Revision: 29-Aug-03
MKT 469
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
URdc = 100 V; URac = 63 V
CATALOG NUMBER 2222 469 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x h max x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 4.3 x 9.7 x 12.5 3.9 x 9.2 x 12.5 4.2 x 9.5 x 12.5 4.5 x 9.9 x 12.5 4.2 x 9.5 x 12.5 4.6 x 9.9 x 12.5 4.0 x 9.3 x 12.5 4.2 x 9.5 x 12.5 4.6 x 9.9 x 12.5 5.0 x 10.3 x 12.5 5.5 x 10.8 x 12.5 6.0 x 11.3 x 12.5 0.5 0.4 0.4 0.5 0.4 0.5 0.4 0.4 0.5 0.5 0.6 0.6 4.0 x 9.3 x 12.5 0.4 25563 25683 25823 25104 25124 25154 25184 25224 25274 25334 25394 25474 25564 25684 25824 25105 2000 2000 2000 2000 2000 2000 2000 2000 2000 1500 1500 1250 1500 1500 1500 1500 1500 1500 1500 1500 1500 1250 1000 1000 1500 1500 1500 1300 1500 1300 1500 1500 1300 1200 1100 1000 2000 1500 1500 SPQ SPQ SPQ lt = 22.0 4.0 mm REEL
Vishay BCcomponents
URdc = 250 V; URac = 160 V
CATALOG NUMBER 2222 469 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x h max x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 4.2 x 9.5 x 12.5 4.6 x 9.9 x 12.5 4.0 x 9.3 x 12.5 4.1 x 9.4 x 12.5 4.0 x 9.3 x 12.5 4.1 x 9.4 x 12.5 4.4 x 9.7 x 12.5 4.0 x 9.3 x 12.5 4.3 x 9.7 x 12.5 4.8 x 10.1 x 12.5 5.2 x 10.5 x 12.5 5.8 x 11.1 x 12.5 0.4 0.5 0.4 0.4 0.4 0.4 0.5 0.4 0.5 0.5 0.5 0.6 45273 45333 45393 45473 45563 45683 45823 45104 45124 45154 45184 45224 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1250 1000 1000 1500 1300 1500 1500 1500 1500 1500 1500 1500 1300 1200 1100 SPQ SPQ SPQ lt = 22.0 4.0 mm REEL
Document Number: 28107 Revision: 29-Aug-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 3
MKT 469
Vishay BCcomponents
URdc = 400 V; URac = 220 V
CATALOG NUMBER 2222 469 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x h max x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 55102 55122 55152 55182 55222 55272 55332 55392 55472 55562 55682 55822 55103 55123 55153 55183 55223 55273 55333 55393 55473 55563 55683 55823 55104 SPQ SPQ SPQ lt = 22.0 4.0 mm REEL
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
4.5 x 9.9 x 12.5
0.5
2000
1500
1300
4.0 x 9.3 x 12.5 4.3 x 9.7 x 12.5 4.6 x 9.9 x 12.5 4.0 x 9.3 x 12.5 4.1 x 9.5 x 12.5 4.6 x 9.9 x 12.5 4.2 x 9.5 x 12.5 4.6 x 9.9 x 12.5 4.1 x 9.4 x 12.5 4.5 x 9.9 x 12.5 4.1 x 9.4 x 12.5 4.5 x 9.9 x 12.5 4.0 x 9.3 x 12.5 4.2 x 9.5 x 12.5 4.6 x 9.9 x 12.5 5.0 x 10.3 x 12.5 4.1 x 9.4 x 12.5 4.4 x 9.7 x 12.5 4.8 x 10.1 x 12.5 5.4 x 10.8 x 12.5 5.7 x 11.0 x 12.5
0.4 0.5 0.5 0.4 0.4 0.5 0.4 0.5 0.4 0.5 0.4 0.5 0.4 0.4 0.5 0.5 0.4 0.5 0.5 0.6 0.6
2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1500 2000 2000 2000 1500 1500
1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1250 1500 1500 1250 1000 1000
1500 1500 1300 1500 1500 1300 1500 1300 1500 1300 1500 1300 1500 1500 1300 1200 1500 1500 1300 1200 1100
URdc = 630 V; URac = 250 V
CATALOG NUMBER 2222 469 ..... AND PACKAGING LOOSE IN BOX C (F) DIMENSIONS wmax x h max x lmax (mm) MASS (g) lt = 4.0 +1.0/-0.5 mm C-tol = 10% last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.01 0.012 0.015 0.018 0.022 0.027 0.033 4.1 x 9.4 x 12.5 4.5 x 9.9 x 12.5 4.9 x 10.2 x 12.5 5.4 x 10.8 x 12.5 4.8 x 10.1 x 12.5 5.3 x 10.7 x 12.5 5.9 x 11.2 x 12.5 0.4 0.5 0.5 0.6 0.5 0.6 0.6 65103 65123 65153 65183 65223 65273 65333 2000 2000 2000 1500 2000 2000 1500 1500 1500 1250 1000 1250 1000 1000 1500 1300 1200 1100 1300 1200 1100 SPQ SPQ SPQ lt = 22.0 4.0 mm REEL
www.vishay.com 4
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28107 Revision: 29-Aug-03
MKT 469
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
2 2
Vishay BCcomponents
10
10
AC voltage (V)
10
1
10 1
AC voltage (V)
nF F 56 0 n F 22 .0 1
nF F 56 0 n F 22 .0 1
Tamb 85 C, 100 VDC 10 0 2 10 10 3 10 4 10 5 f (Hz) 10 6 10 0 10 1
85 C < Tamb 105 C, 100 VDC 10 2 10 3 10 4 f (Hz) 10 5
AC voltage (V)
10
2
27 8n 22 2 nF F 0 nF
10 2
AC voltage (V)
10
3
10
3
10 1
10
1
27 8n 22 2 nF F 0 nF
Tamb 85 C, 250 VDC 10 0 1 10 10 2 10 3 10 4 10 6 5 f (Hz) 10 10 0 1 10
85 C < Tamb 105 C, 250 VDC 10 2 10 3 10 4 10 5 f (Hz) 6 10
AC voltage (V)
10 2
10 5n 10 6 nF F 0 nF
10
AC voltage (V) 2
10 5n 10 6 nF F 0 nF
10
3
10
3
10
1
10
1
Tamb 85 C, 400 VDC 10 0 10 1 10 2 10 3 10 4 10 6 5 f (Hz) 10 10 0 10 1
85 C < Tamb 105 C, 400 VDC 10 2 10 3 10 4 10 6 5 f (Hz) 10
Document Number: 28107 Revision: 29-Aug-03
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 5
MKT 469
Vishay BCcomponents
Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10 3
AC voltage (V)
10
2
10 33 nF nF
10
AC voltage (V) 2
10 33 nF nF
10
3
10
1
10
1
Tamb 85 C, 630 VDC 10 0 10 1 10 2 10 3 10 4 10 6 5 f (Hz) 10 10 0 10 1
85 C < Tamb 105 C, 630 VDC 10 2 10 3 10 4 10 6 5 f (Hz) 10
CAPACITANCE
2 6
C/C (%)
C/C (%)
1 kHz, 1 V
1
4
2 0 max. 0 -1 -2 -2 typical 400V - 630V 250V
-4 min.
100V
-3 2 10
10
3
10
4
f (Hz)
10
5
-6 -60
-20
20
60 Tamb (C) 100
IMPEDANCE
3
10
Impedance ()
63 25 10
0V ;1 00
10
1
0n
0V ;1
F
nF
10
0
0V ;1
.0
F
-1 10
-2 10 4 10
10
5
10
6
10
7 f (Hz)
10
8
www.vishay.com 6
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28107 Revision: 29-Aug-03


▲Up To Search▲   

 
Price & Availability of MKT469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X